PART |
Description |
Maker |
6715 |
INDUCTOR TOROID W/HDR 1600UH 15% 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc.
|
HCT-1-152-15L |
Power inductor, toroid, 20% tol, RoHS 1 ELEMENT, 1.875 uH, GENERAL PURPOSE INDUCTOR
|
Coilcraft, Inc.
|
XF0206-VM230 |
Toroid Inductor
|
XFMRS Inc.
|
1XF2506-VO10 |
Toroid Inductor
|
XFMRS Inc.
|
2XF9077-VO |
TOROID INDUCTOR
|
XFMRS Inc. http://
|
36-00030-C 36-00030 |
INDUCTOR, 1MH TOROID
|
VICOR[Vicor Corporation]
|
4330-030-37160 4330-030-34610 4330-030-34220 4330- |
CORE TOROID TN32-19/13-3E25 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits CORE TOROID TN25-15/10-3E25 CORE TOROID TL2/14/7-3E25 核心环型TL2/14/7-3E25
|
TE Connectivity, Ltd.
|
ASTC-12-830-1.35 ASTC-12 ASTC-12-101-1.23 ASTC-12- |
1 ELEMENT, 331 uH, GENERAL PURPOSE INDUCTOR, SMD SMT TOROID CHOKE
|
ABRACON[Abracon Corporation]
|
PM2120-821K PM2120-1R2M |
INDUCTOR TOROID 820UH 10% SMD 1 ELEMENT, 820 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:PM2120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:25.4A; External Height:0.82"; Leaded Process Compatible:No; Mounting Type:Surface Mount
|
Bourns, Inc. BOURNS INC
|
DMT2-20-12 DMT2-49-8 DMT2-273-2.4 DMT1-26-5.1 DMT3 |
NOT RoHS. Power choke, toroid (add 'L' for compliant version) 1 ELEMENT, 20 uH, GENERAL PURPOSE INDUCTOR NOT RoHS. Power choke, toroid (add 'L' for compliant version) 1 ELEMENT, 49 uH, GENERAL PURPOSE INDUCTOR NOT RoHS. Power choke, toroid (add 'L' for compliant version) 1 ELEMENT, 273 uH, GENERAL PURPOSE INDUCTOR NOT RoHS. Power choke, toroid (add 'L' for compliant version) 1 ELEMENT, 26 uH, GENERAL PURPOSE INDUCTOR NOT RoHS. Power choke, toroid (add 'L' for compliant version) 1 ELEMENT, 257 uH, GENERAL PURPOSE INDUCTOR
|
Coilcraft, Inc.
|
CW201212-R33J CW201212-12NJ CW201212-R56J CW201212 |
MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.33 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.91 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.0033 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:High Frequency; Inductance:13.3nH; Inductance Tolerance: /- 5 %; Current Rating:600mA; Series:CW201212; Package/Case:0805; Core Material:Alumina Ceramic; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
|